Part Number Hot Search : 
95200 BFU530W SP8861HP DCC010 D8341ACP 24H01 95200 WS7805K
Product Description
Full Text Search
 

To Download TC75S59FE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tc75s59f/fu/fe 2002-02-20 1 toshiba cmos linear integrated circuit silicon monolithic tc75s59f,tc75s59fu,TC75S59FE single comparator the tc75s59f/tc75s59fu/TC75S59FE is a cmos general- purpose single comparator. the device can operate off a single power supply and draws a lower supply current than a conventional bipolar general-purpose comparator. this device?s open-drain output stage can be wire-ored with those of other open-drain output circuits. features  low-current power supply : i dd = 100 a (typ.)  single power supply operation  wide common mode input voltage range : v ss ~v dd ? 0.9 v  open drain output circuit  low input bias current  small package marking (top view) pin connection (top view) tc75s59f tc75s59fu TC75S59FE weight ssop5-p-0.95 : 0.014 g (typ.) ssop5-p-0.65a : 0.006 g (typ.) son5-p-0.50 : 0.003 g (typ.) t f 4 5 3 1 2 v dd 5 in (  ) 4 1 3 v ss 2 out in (  )
tc75s59f/fu/fe 2002-02-20 2 maximum ratings (ta     25c) characteristics symbol rating unit supply voltage v dd , v ss  3.5 or 7 v differential input voltage dv in  7 v input voltage v in v ss ~v dd v output current i o  35 ma tc75s59f/fu 200 power dissipation TC75S59FE p d 100 mw operating temperature t opr  40~85 c storage temperature t stg  55~125 c note: this device?s cmos structure makes it prone to latch-up. to prevent latch-up, please take the following precautions:  ensure that no i/o pin?s voltage level ever exceeds v dd or drops below v ss . in addition, check the power-on timing.  do not subject the device to excessive noise.
tc75s59f/fu/fe 2002-02-20 3 electrical characteristics (v dd     5 v, v ss     gnd, ta     25c) characteristics symbol test circuit test condition min typ. max unit input offset voltage v io     1  7 mv input offset current i io    1  pa input bias current i i    1  pa common mode input voltage cmv in   0  4.1 v supply current i dd (note)    110 220  a voltage gain g v    94  db sink current i sink  v ol  0.5 v  13 25  ma output leak current i leak  v o  5 v  5  na output voltage v ol  i sink  5.0 ma  0.1 0.3 v operating supply voltage v dd   1.8  7.0 v t plh (1)  over drive  100 mv  200  propagation delay time (turn on) t plh (2)  ttl step input  140  ns t phl (1)  over drive  100 mv  80  propagation delay time (turn off) t phl (2)  ttl step input  60  ns t tlh  over drive  100 mv  160  response time t thl  over drive  100 mv  3  ns electrical characteristics (v dd     3 v, v ss     gnd, ta     25c) characteristics symbol test circuit test condition min typ. max unit input offset voltage v io     1  7 mv input offset current i io    1  pa input bias current i i    1  pa common mode input voltage cmv in   0  2.1 v supply current i dd (note)    100 200  a sink current i sink  v ol  0.5 v  6 18  ma output leak current i leak  v o  3 v  5  na output voltage v ol  i sink  5.0 ma  0.15 0.35 v propagation delay time (turn on) t plh  over drive  100 mv  160  ns propagation delay time (turn off) t phl  over drive  100 mv  70  ns t tlh  over drive  100 mv  170  response time t thl  over drive  100 mv  3  ns note: this device?s current consumption increases as its operating frequency increases. note that the power dissipation should not exceed the allowable power dissipation.
tc75s59f/fu/fe 2002-02-20 4 i dd ? frequency f (khz) supply current i dd (  a) 10000 10 0.01 100 1000 0.1 1 10 100 1000 10000 v dd  3 v v ss  gnd ta  25c i dd ? frequency f (khz) supply current i dd (  a) 10000 1 0.01 100 1000 0.1 1 10 100 1000 10000 v dd  5 v v ss  gnd ta  25c
tc75s59f/fu/fe 2002-02-20 5 this data was obtained from an unmounted standalone ic. if the ic is mounted on a pcb, its power dissipation will be greater. note that, depending on the pcb?s thermal characteristics, the curves may differ substantially from those shown. p d ? ta power dissipation p d (mw) 300 ambient temperature ta (c) 200 100 0  40 0 40 80 120 sink current i sink (ma) v ol ? i sink output voltage v ol (v) 0.0 0 3.0 2.0 1.0 10 20 30 40 v dd  3 v v ss  gnd ta  25c 0.5 1.5 2.5 5 15 25 35 3.0 sink current i sink (ma) output voltage v ol (v) v ol ? i sink 5.0 0.0 4.0 v dd  5 v v ss  gnd ta  25c 0.5 1.0 1.5 2.0 2.5 3.5 4.5 0 10 20 30 40 5 15 25 35
tc75s59f/fu/fe 2002-02-20 6 package dimensions weight: 0.014 g (typ.)
tc75s59f/fu/fe 2002-02-20 7 package dimensions weight: 0.006 g (typ.)
tc75s59f/fu/fe 2002-02-20 8 package dimensions weight: 0.003 g (typ.)
tc75s59f/fu/fe 2002-02-20 9  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  the products described in this document are subject to the foreign exchange and foreign trade laws.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others.  the information contained herein is subject to change without notice. 000707eb a restrictions on product use


▲Up To Search▲   

 
Price & Availability of TC75S59FE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X